Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1538 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP1538
Description  18V 3A 300KHz BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP1538 Datasheet HTML 6Page - Diodes Incorporated AP1538 Datasheet HTML 7Page - Diodes Incorporated AP1538 Datasheet HTML 8Page - Diodes Incorporated AP1538 Datasheet HTML 9Page - Diodes Incorporated AP1538 Datasheet HTML 10Page - Diodes Incorporated AP1538 Datasheet HTML 11Page - Diodes Incorporated AP1538 Datasheet HTML 12Page - Diodes Incorporated AP1538 Datasheet HTML 13Page - Diodes Incorporated AP1538 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538
Rev.
2
13 of 14
JUNE 2008
www.diodes.com
© Diodes Incorporated
Package Information
( All Dimensions in mm )
(1) SOP-8L
1.27typ
0.3/0.5
7°~9°
4.80/5.30
7°~9°
3.70/4.10
0.38/1.27
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
0.78
6x-1.27
8x-0.41
(Unit: mm)
(2) SOP-8L-DEP
1
9°(all side)
0.35Typ.
4
5
8
R0
.1
0.3/0.5
1.27Typ.
4.85/4.95
Seating Plane
Gauge Plane
0.62/0.82
View"A"
View"A"
Land Pattem Recommendation
(Unit: mm)
EXPOSED PAD
Bottom view
EXPOSED PAD
1
4
5
8
1.15Typ.
2.05Typ.
0.713
0.20
CL
1.7
1.7
CL
1
4
5
8
8x-0.60
6x-1.27
1.8
1.8
CL
0.95
1.65
CL
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com