Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1446 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1446
Description  RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1446 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1446 Datasheet HTML 1Page - STMicroelectronics SD1446 Datasheet HTML 2Page - STMicroelectronics SD1446 Datasheet HTML 3Page - STMicroelectronics SD1446 Datasheet HTML 4Page - STMicroelectronics SD1446 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT
C1, C4 : 50 - 380pF Arco 465
C2
: 110 - 580pF Arco 467
C3
: 140 - 680pF Arco 468
C5
: 9 - 180pF Arco 463
C6
: 10
µF, 35Vdc, Electrolytic
C7
: .01
µF Erie
C8
: 1000pF Unelco
L1
: 2 1/2 Turns, #14 Awg, Tinned, 1/4” I.D.
Loose Wound
L2
: 10 Turns, #28 AWG, Enameled on
Ferroxcube Sleeve #3B
L3
: 1 1/2 Turns, #12 AWG, Tinned, 3/8” I.D.
Loose Wound
L4
: 8 Turns, #18 AWG on 1/4” I.D. Coil form 1/2”
Length with Ferrite Slug
L5
: 11 Turns, #16 AWG, Enameled on Torroid,
Micrometals, T50-2
Board Material: Double Sided Copper 1/16” Thick
SD1446
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com