Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1446 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1446
Description  RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1446 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1446 Datasheet HTML 1Page - STMicroelectronics SD1446 Datasheet HTML 2Page - STMicroelectronics SD1446 Datasheet HTML 3Page - STMicroelectronics SD1446 Datasheet HTML 4Page - STMicroelectronics SD1446 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HF/VHF APPLICATIONS
RF & MICROWAVE TRANSISTORS
.380 4LFL (M113)
epoxy sealed
.
50 MHz
.
12.5 VOLTS
.
EFFICIENCY 55%
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 70 W MIN. WITH 10 dB GAIN
DESCRIPTION
The SD1446 is a 12.5 V Class C epitaxial silicon
NPN planar transistor designed primarily for land
mobile transmitter applications. This device utilizes
emitter ballasting and is extremely stable and ca-
pable of withstanding high VSWR under operating
conditions.
PIN CONNECTION
BRANDING
SD1446
ORDER CODE
SD1446
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
12.0
A
PDISS
Power Dissipation
183
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
1.05
°C/W
SD1446
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/5


Similar Part No. - SD1446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1446 ETC1-SD1446 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD1446

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1252 ADPOW-MS1252 Datasheet
84Kb / 3P
RF AND MICROWAVE TRANSISTORS HF - VHF COMMUNICATION APPLICATIONS
MS1253 ADPOW-MS1253 Datasheet
115Kb / 4P
RF & MICROWAVE TRANSISTORS HF/VHF APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com