Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO A676-R2T1-24 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LO A676-R2T1-24
Description  SIDELED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO A676-R2T1-24 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LO A676-R2T1-24 Datasheet HTML 1Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 2Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 3Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 4Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 5Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 6Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 7Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 8Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LO A676
1 Version 1.4 | 2019-07-22
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LO A676
SIDELED®
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Interior Illumination (e.g. Ambient Map)
Features:
—
Package: white SMT package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 606 nm (● orange)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LO A676-R2T1-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LO A67B-T2V1-24 AMSOSRAM-LO A67B-T2V1-24 Datasheet
1Mb / 23P
SIDELED®
2019-07-16
LO A67F-ABCA-24-E3P3 AMSOSRAM-LO A67F-ABCA-24-E3P3 Datasheet
1Mb / 23P
SIDELED®
2022-09-01
LO A67K-K1M2-24 AMSOSRAM-LO A67K-K1M2-24 Datasheet
1Mb / 23P
SIDELED®
2022-09-01
More results

Similar Description - LO A676-R2T1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
logo
ams AG
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LOA67F AMSCO-LOA67F Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.9 2022-09-01
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA67K AMSCO-LGA67K Datasheet
1Mb / 24P
SIDELED®
Version 1.5 2022-08-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com