Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO A676-R2T1-24 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LO A676-R2T1-24
Description  SIDELED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO A676-R2T1-24 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LO A676-R2T1-24 Datasheet HTML 13Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 14Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 15Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 16Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 17Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 18Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 19Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 20Page - ams-OSRAM AG LO A676-R2T1-24 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LO A676
17 Version 1.4 | 2019-07-22
Chip Technology:
3: standard InGaN
6: Standard InGalP
B: HOP 2000
C: ATON
F: Thinfilm InGaAlP
G: ThinGaN(Thinfilm InGaN) (Subcon:Sapphire)
K: InGaAlP low current
´
Encapsulant Type / Lens Properties
7:
Colorless clear or white volume conversion
(resin encapsulation)
S:
Silicone (with or without diffuser)
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
A:
617 nm
amber
W:
white
S:
633 nm
super red
UW: ultra white
T:
528 nm
true green
CB: color on demand blue
Y:
587 nm
yellow
CG: color on demand green
O:
606 nm
orange
CL: color on demand lagune
G:
570 nm
green
P:
560 nm
pure green
R:
625 nm
red
B:
470 nm
blue
H:
645 nm
hyper-red
V:
505 nm
verde green
L:
Light
emitting
diode
Package Type
A:
SIDELED
Lead / Package Properties
6:
folded leads
Type Designation System
L
A
A
6
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com