Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-R976 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LO-R976
Description  Chip LED 0805
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-R976 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LO-R976 Datasheet HTML 1Page - ams-OSRAM AG LO-R976 Datasheet HTML 2Page - ams-OSRAM AG LO-R976 Datasheet HTML 3Page - ams-OSRAM AG LO-R976 Datasheet HTML 4Page - ams-OSRAM AG LO-R976 Datasheet HTML 5Page - ams-OSRAM AG LO-R976 Datasheet HTML 6Page - ams-OSRAM AG LO-R976 Datasheet HTML 7Page - ams-OSRAM AG LO-R976 Datasheet HTML 8Page - ams-OSRAM AG LO-R976 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LO R976
1 Version 1.3 | 2021-09-30
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LO R976
Chip LED 0805
—
—
Electronic Equipment
—
—
Gaming, Amusement, Gambling
—
—
White Goods
Features:
—
—
Package: SMT package 0805, colorless diffused resin
—
—
Chip technology: InGaAlP
—
—
Typ. Radiation: 150°
—
—
Color: λ
dom = 606 nm (● orange)
—
—
Optical efficacy: 11 lm/W
—
—
Corrosion Robustness Class: 3B
—
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LO-R976

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LO-R976 OSRAM-LO-R976 Datasheet
404Kb / 20P
SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
More results

Similar Description - LO-R976

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-GHC-YR1S2-3T EVERLIGHT-17-21-GHC-YR1S2-3T Datasheet
158Kb / 10P
0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-QF2012A3 TAITRON-TSP2-QF2012A3 Datasheet
317Kb / 7P
0805 PACKAGE CHIP LED
TSP2-XF2012A3 TAITRON-TSP2-XF2012A3 Datasheet
314Kb / 7P
0805 PACKAGE CHIP LED
logo
Everlight Electronics C...
17-21-G6C-FM1N2B-3T EVERLIGHT-17-21-G6C-FM1N2B-3T Datasheet
214Kb / 10P
0805 Package Chip LED
17-21-GPC-A0L1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0L1M2B0E-3T-AM Datasheet
205Kb / 12P
0805 Package Chip LED
17-21-R7C-A0N1P2B0C-3T-AM EVERLIGHT-17-21-R7C-A0N1P2B0C-3T-AM Datasheet
262Kb / 12P
0805 Package Chip LED
17-21-Y2C-A0L1M2V0B-3T-AM EVERLIGHT-17-21-Y2C-A0L1M2V0B-3T-AM Datasheet
234Kb / 13P
0805 Package Chip LED
17-21-GPC-A0N1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
205Kb / 12P
0805 Package Chip LED
EAIST2012A2 EVERLIGHT-EAIST2012A2 Datasheet
444Kb / 9P
0805 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
17-21-GPC-A0N1M2B0E-3T-AM TO-GRACE-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
571Kb / 12P
0805 Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com