Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-R976 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # LO-R976
Description  Chip LED 0805
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-R976 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button LO-R976 Datasheet HTML 12Page - ams-OSRAM AG LO-R976 Datasheet HTML 13Page - ams-OSRAM AG LO-R976 Datasheet HTML 14Page - ams-OSRAM AG LO-R976 Datasheet HTML 15Page - ams-OSRAM AG LO-R976 Datasheet HTML 16Page - ams-OSRAM AG LO-R976 Datasheet HTML 17Page - ams-OSRAM AG LO-R976 Datasheet HTML 18Page - ams-OSRAM AG LO-R976 Datasheet HTML 19Page - ams-OSRAM AG LO-R976 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LO R976
16 Version 1.3 | 2021-09-30
C
Chhiipp TTeecchhnnoollooggyy::
11::
TSN
33::
standard InGaN
44::
AlGaAs
66::
standard InGalP
EE::
ThinGaN & package with 8 kV
ESD stability
G
G::
NOTA, Powerflip, ThinGaN
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
11::
focusing lens (=20°)
77::
clear resin or white volume conversion
88::
white volume conversion
99::
clear resin
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
BB::
470 nm
blue
W
W::
white
SS::
633 nm
super red
TT::
528 nm
true green
YY::
587 nm
yellow
AA::
617 nm
amber
R
R//JJ::
625 nm
red
H
H::
645 nm
hyper-red
O
O::
606 nm
orange
G
G::
570 nm
green
LL::
Light
emitting
diode
PPaacckkaaggee TTyyppee
Q
Q::
CHIPLED 0603 / 0402
R
R::
CHIPLED 0805
N
N::
CHIPLED 1206 /
CHIPLED with lens
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
11::
footprint: 0603 / height: 0.6 mm
33::
footprint: 0603 / height: 0.35 mm
99::
standard
H
H::
footprint: 0402 / height: 0.35 mm
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
BB
Q
Q
H
H
99
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com