Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSCB100AT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSCB100AT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NSCB100AT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSCB100AT Datasheet HTML 1Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 2Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia STSE-CC2008A
<Cat.No.020719>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
25
mA
Pulse Forward Current
IFP
80
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank T
Iv
IF=20[mA]
124
148
178
mcd
Rank S
Iv
IF=20[mA]
88
104
124
mcd
Luminous Intensity
Rank R
Iv
IF=20[mA]
62
74
88
mcd
!
Measurement Uncertainty of the Luminous Intensity : ± 10%
Color Rank
(IF=20mA,Ta=25°C)
Rank W
x
0.11
0.11
0.15
0.15
y
0.04
0.10
0.10
0.04
!
Measurement Uncertainty of the Color Coordinates : ± 0.01
!
One delivery will include up to one color rank and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure’s page.
Material as follows ;
Package
:
Ceramics
Encapsulating Resin :
Silicone Resin
Electrodes
:
Au Plating
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com