Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSCB100AT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NSCB100AT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NSCB100AT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NSCB100AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
200
100
50
20
10
80
25
40
30
20
0
10
25
6
60
80
100
40
020
2.0
1.0
0.5
0.2
020
60 80 100
40
-40 -20
0 20
60 80 100
40
-40 -20
5.4
4.6
4.2
3.4
3.0
2.6
3.8
5.0
1
5
10 20
100
50
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
0
204060
100 120
80
2.5
3.0
3.5
4.0
4.5
5.0
200
100
50
20
10
5
1
Forward Current IFP (mA)
! Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
! Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
! Forward Voltage vs.
Forward Current
! Duty Ratio vs.
Allowable Forward Current
Ta=25°C
IFP=5mA
IFP=20mA
IFP=60mA
Ta=25°C
Ta=25°C
IFP=20mA
TYP.CHARACTERISTICS
Model
NSCB100A
NICHIA CORPORATION Title
No.
011003105322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com