Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX08RG Datasheet(PDF) 9 Page - STMicroelectronics

Part # TYNX08RG
Description  8A SCRS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX08RG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TYNX08RG Datasheet HTML 2Page - STMicroelectronics TYNX08RG Datasheet HTML 3Page - STMicroelectronics TYNX08RG Datasheet HTML 4Page - STMicroelectronics TYNX08RG Datasheet HTML 5Page - STMicroelectronics TYNX08RG Datasheet HTML 6Page - STMicroelectronics TYNX08RG Datasheet HTML 7Page - STMicroelectronics TYNX08RG Datasheet HTML 8Page - STMicroelectronics TYNX08RG Datasheet HTML 9Page - STMicroelectronics TYNX08RG Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TN8, TS8 and TYNx08 Series
9/10
Figure 24: TO-220AB Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
TN805-x00B
TN805x00
DPAK
0.3 g
75
Tube
TN805-x00B-TR
TN805x00
DPAK
0.3 g
2500
Tape & reel
TN805-x00H
TN805x00
IPAK
0.4 g
75
Tube
TN815-x00B
TN815x00
DPAK
0.3 g
75
Tube
TN815-x00B-TR
TN815x00
DPAK
0.3 g
2500
Tape & reel
TN815-x00H
TN815x00
IPAK
0.4 g
75
Tube
TS820-x00B
TS820x00
DPAK
0.3 g
75
Tube
TS820-x00B-TR
TS820x00
DPAK
0.3 g
2500
Tape & reel
TS820-x00H
TS820x00
IPAK
0.4 g
75
Tube
TS820-x00T
TS820x00T
TO-220AB
2.3 g
50
Tube
TYNx08RG
TYNx08
TO-220AB
2.3 g
50
Tube
Note: x = voltage
Table 9: Revision History
Date
Revision
Description of Changes
Apr-2002
4A
Last update.
13-Feb-2006
5
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com