Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX08RG Datasheet(PDF) 5 Page - STMicroelectronics

Part # TYNX08RG
Description  8A SCRS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX08RG Datasheet(HTML) 5 Page - STMicroelectronics

  TYNX08RG Datasheet HTML 1Page - STMicroelectronics TYNX08RG Datasheet HTML 2Page - STMicroelectronics TYNX08RG Datasheet HTML 3Page - STMicroelectronics TYNX08RG Datasheet HTML 4Page - STMicroelectronics TYNX08RG Datasheet HTML 5Page - STMicroelectronics TYNX08RG Datasheet HTML 6Page - STMicroelectronics TYNX08RG Datasheet HTML 7Page - STMicroelectronics TYNX08RG Datasheet HTML 8Page - STMicroelectronics TYNX08RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TN8, TS8 and TYNx08 Series
5/10
Figure 9: Relative variation of dV/dt immunity
versus
gate-cathode
resistance
(typical
values) for TS8 series
Figure 10: Relative variation of dV/dt immunity
versus
gate-cathode
capacitance
(typical
values) for TS8 series
Figure 11: Surge peak on-state current versus
number of cycles
Figure 12: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding values of I²t
Figure 13: On-state characteristics (maximum
values)
Figure 14: Thermal resistance junction to
ambient versus copper surface under tab
(epoxy printed circuit board FR4, copper
thickness: 35µm) (DPAK)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.01
0.10
1.00
10.00
R(k )
GK
Ω
dV/dt[R
] / dV/dt[
=220 ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
0
20
40
60
80
100
120
140
160
180
200
220
0.0
2.5
5.0
7.5
10.0
12.5
15.0
C
(nF)
GK
dV/dt[C
] / dV/dt[
=220 ]
GK
Ω
RGK
T
V = 0.67 x V
= 125°C
R
= 220
D
DRM
GK
j
Ω
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =110°C
C
TN8 / TS8
TYN08
t =10ms
p
One cycle
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
TN8 / TS8
TN8 / TS8
TYN08
TYN08
dI/dt limitation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
50.0
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.85V
R =46m
T max.:
j
t0
d
Ω
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
S(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com