Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC3100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TCC3100
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCC3100 Datasheet(HTML) 2 Page - STMicroelectronics

  TCC3100 Datasheet HTML 1Page - STMicroelectronics TCC3100 Datasheet HTML 2Page - STMicroelectronics TCC3100 Datasheet HTML 3Page - STMicroelectronics TCC3100 Datasheet HTML 4Page - STMicroelectronics TCC3100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 225 MHz
VCE
= 28 V
IC
= 2 x 100 mA 100
—
—
W
GP
POUT
= 100 W
VCE
= 28 V
IC
= 2x 100mA
11
—
—
dB
ηcP
OUT
= 100 W
VCE
= 28 V
IC
= 2x 100mA
70
—
—
%
COB
f
= 1 MHz
VCB
= 28 V
—
60
—
pF
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 50mA
IE
= 0mA
65
—
—
V
BVCER
IC
= 50mA
RBE
= 15Ω
60
—
—
V
BVCEO
IC
= 50mA
IB
= 0mA
33
—
—
V
BVEBO
IE
= 5mA
IC
= 0mA
3.5
—
—
V
hFE
VCE
= 5V
IC
= 500mA
20
—
150
—
DYNAMIC (Class AB)
TYPICAL PERFORMANCE
POWER OUTPUT vs POWER INPUT
BROADBAND POWER GAIN vs
FREQUENCY
DYNAMIC (Class A)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT*f
= 225 MHz
VCE
= 28 V
IC
= 2 x 2.5 A
28
32
—
W
GP*PIN
= 1.1 W
VCE
= 28 V
IC
= 2 x 2.5 A
14
15
—
dB
IMD3*PIN
= 1.1 W
VCE
= 28 V
PREF
= 28 W
—
−51
—
dB
N ote:
* Class A Perfor mance Char act eristi cs Indi cate Capabilit y but ar e not Tested.
IMD3 - 3 T one Meaur ement;
−8, −7, −16dB relative to P
REF
SD1456 (TCC3100)
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com