Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC3100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TCC3100
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCC3100 Datasheet(HTML) 4 Page - STMicroelectronics

  TCC3100 Datasheet HTML 1Page - STMicroelectronics TCC3100 Datasheet HTML 2Page - STMicroelectronics TCC3100 Datasheet HTML 3Page - STMicroelectronics TCC3100 Datasheet HTML 4Page - STMicroelectronics TCC3100 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZOUT (Ω)
170 MHz
1.05 + j 0.65
13.5
− j 9.0
200 MHz
0.9 + j 1.1
11.0
− j 6.5
230 MHz
1.25 + j 1.8
9.5
− j 7.7
VCE
= 28 V
ICQ
= 2 x 2.5 A
Class A
SD1456 (TCC3100)
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com