Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNF661 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # CSNF661
Description  CSN Series closed loop current sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNF661 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  CSNF661 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Representative
photograph, actual
product appearance
may vary.
Due to regional
agency approval
requirements, some
products may not be
available in your area.
Please contact your
regional Honeywell
office regarding your
product of choice.
CSNF661
CSN Series closed loop current sensor, measures AC, DC or
impulse current, 100 A nominal, ± 150 amp range, offset
pin, 1000 turn
Features
Current sensing up to 1200 amps
Measures ac, dc and impulse currents
Competitive cost/performance ratio
Rapid response
High overload capability
High level of electrical isolation between primary and
secondary circuits
Industrial operating temperature range
Small size and weight
Typical Applications
Variable speed drives
Overcurrent protection
Ground fault detectors
Current feedback control systems
Robotics
UPS and telecommunication power supplies
Welding power supplies
Automotive - Battery management systems
Wattmeters
Description
The CSN Series of closed loop current sensors are based on the
principles of the Magnetoresistive or Hall effects, and the null
balance or zero magnetic flux method (feedback system). The
magnetic flux in the sensor core is constantly controlled at zero.
The amount of current required to balance zero flux is the
measure of the primary current flowing through the conductor,
multiplied by the ratio of the primary to secondary windings.
This closed loop current is the output from the device and
presents an image of the primary current reduced by the
number of secondary turns at any time. This current can be
expressed as a voltage by passing it through a resistor.
Page 1 of 4
Datasheet -- CSNF661
31/08/2006
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNF661


Similar Part No. - CSNF661

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CSNF661 HONEYWELL-CSNF661 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
More results

Similar Description - CSNF661

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HA25 YHDC-HA25 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA55 YHDC-HA55 Datasheet
5Mb / 1P
Hall closed loop current sensor
HA2009 YHDC-HA2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HA2045-D300D12A100 YHDC-HA2045-D300D12A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2072-D1000D15A200 YHDC-HA2072-D1000D15A200 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA4009 YHDC-HA4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS14Z YHDC-HAS14Z Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HAS4009 YHDC-HAS4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com