Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNF661 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CSNF661
Description  CSN Series closed loop current sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNF661 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CSNF661 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSNF661
CSN Series closed loop current sensor, measures AC, DC or impulse current, 100 A
nominal, ± 150 amp range, offset pin, 1000 turn
Product Specifications
Sensor Type
Closed Loop Linear
Sensed Current Type
ac or dc
Sensed Current Range
± 150 A
Package Style
Thru Hole PCB Mount
Output Type
Current
Maximum Continuous Current
± 150 A
Supply Current
± 10 mA + output
Supply Voltage
± 12.0 Vdc to ± 15.0 Vdc
Offset Current
< ± 0.2 mA
Offset Current Drift
< ± 0.5 mA
Coil Resistance @ 70 °C
30 Ohm
Response Time
< 0.5
s
Coil Turns
1000
Output Nominal
100 mA
Operating Temperature Range
-40 °C to 85 °C [-40 °F to 185 °F]
Storage Temperature Range
-40 °C to 90 °C [-40 °F to 194 °F]
Minimum Measuring Resistance
30 Ohm
Maximum Measuring Resistance
80 Ohm
Housing Material
Glass-filled PBT (UL94-V0)
Mounting
PCB on 3 pins
Pinout Style
Offset
Accuracy
± 0.5 %
Availability
Global
Comment
Offset pin version of CSNF161.
UNSPSC Code
411121
UNSPSC Commodity
411121 Transducers
Series Name
CSN Series
Page 2 of 4
Datasheet -- CSNF661
31/08/2006
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNF661



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com