Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
53
Version: DM9010-DS-P03
Apr. 28, 2005
11. Application Notes
11.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9010 RXI± and TXO± pins. Traces routed from
RXI± and TXO± to the transformer should run in close pairs
directly to the transformer. The designer should be careful
not to cross the transmit and receive pairs. As always, vias
should be avoided as much as possible. The network
interface should be void of any signals other than the TXO±
and RXI± pairs between the RJ-45 to the transformer and
the transformer to the DM9010.. There should be no
power or ground planes in the area under the network side
of the transformer to include the area under the RJ-45
connector. (Refer to Figure 11-4 and 11-5) Keep chassis
ground away from all active signals. The RJ-45 connector
and any unused pins should be tied to chassis ground
through a resistor divider network and a 2KV bypass
capacitor.
The Band Gap resistor should be placed as physically close
as pins 25 and 26 as possible (refer to Figure 11-1 and
11-2). The designer should not run any high-speed signal
near the Band Gap resistor placement.
11.2 10Base-T/100Base-TX Auto MDIX Application
Figure 11-1 Auto MDIX Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com