Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9010
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9010 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9010 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
8
Version: DM9010-DS-P03
Apr. 28, 2005
3. Features
■
100-pin LQFP.
■
Supports processor interface: Byte/word/Dword
of I/O command to internal memory data
operation
■
Integrated 10/100M transceiver with AUTO-MDIX
■
Supports MII and reverses MII interface
■
Supports back pressure mode for half-duplex
mode flow control
■
IEEE802.3x flow control for full-duplex mode
■
Supports wakeup frame, link status change and
magic packet events for remote wake up
■
Integrated 16K Byte SRAM
■
Build in 3.3V to 2.5V regulator
■
Supports early Transmit
■
Supports IP/TCP/UDP checksum generation and
checking
■
Supports automatically load vendor ID and
product ID from EEPROM
■
Supports 7 or 23 GPIO pins
■
Optional EEPROM configuration
■
Very low power consumption mode:
–
Power reduced mode (cable detection)
–
Power down mode
–
Selectable TX drivers for 1:1 or 1.25:1
transformers for additional power reduction.
–
1: 1 transformers only when Auto MDIX
Enable .
■
Compatible with 3.3V and 5.0V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com