Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1476 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1476
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1476 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1476 Datasheet HTML 1Page - STMicroelectronics SD1476 Datasheet HTML 2Page - STMicroelectronics SD1476 Datasheet HTML 3Page - STMicroelectronics SD1476 Datasheet HTML 4Page - STMicroelectronics SD1476 Datasheet HTML 5Page - STMicroelectronics SD1476 Datasheet HTML 6Page - STMicroelectronics SD1476 Datasheet HTML 7Page - STMicroelectronics SD1476 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
55 MHz
1.7 j 1.0
6.1 + j 1.0
65 MHz
1.5 + j 1.3
7.0 + j 2.1
75 MHz
1.0 + j 1.1
6.2 + j 2.0
90 MHz
0.8 + j 0.4
3.4 + j 4.4
POUT
= 240 W
VCC
= 32 V
SD1476
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com