Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1476 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD1476
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1476 Datasheet(HTML) 6 Page - STMicroelectronics

  SD1476 Datasheet HTML 1Page - STMicroelectronics SD1476 Datasheet HTML 2Page - STMicroelectronics SD1476 Datasheet HTML 3Page - STMicroelectronics SD1476 Datasheet HTML 4Page - STMicroelectronics SD1476 Datasheet HTML 5Page - STMicroelectronics SD1476 Datasheet HTML 6Page - STMicroelectronics SD1476 Datasheet HTML 7Page - STMicroelectronics SD1476 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C1
: 10pF + 33pF, ATC 100B
C2
: 47pF, ATC 100B
C3, C’3
: 1.5nF + 2.2nF, ATC 100B
C4
: 4 - 60pF, Arco 404
C5
: 2 x 100pF + 47pF, ATC 100B
C6
: 2 x 330pF + 3 x 180pF +270pF, ATC 100B
C7
: 150pF + 10pF, ATC 100B
C8, C’8
: 4.7nF, ATC 100B
C9
: 4 - 40pF, Arco 403
C10
: 10pF, ATC 100B
C11
: 43pF, ATC 100B
C12, C’12 : 1
µF 63V, LCC CPM13B
C13, C’13 : 82nF 100V, LCC 745
C14, C’14 : 270nF 63V, LCC7950
L1, L7
: 4 Turns Diameter 7mm, Wire Diameter 1.5mm
L2
: 7 Turns Diameter 25mm, Coaxial Cable Zc
= 25
L3, L’3
: 2 Turns Diameter 2.5mm, Wire Diameter 0.8mm
L4, L’4
: Length 15mm, Wire Diameter 1.5mm
L5, L’5
: Length 30mm, Wire Diameter 1.5mm
L6
: 6 Turns Diameter 25mm, Coaxial Cable Zc
= 25
L8, L’8
: 16 Turns Diameter, Wire Diameter 1.5mm
L9, L’9
: 1 Turn, Wire Diameter 1.5mm in Ferrite
(stackpole 57 33 12)
L10, L’10
L11, L’11 : 14 Turns, Wire Diameter 0.6mm Around Resistor 1W
R1, R’1
R2, R’2
: 180
,1W
Material : Epoxy 63 mil, Er
= 2.55
TEST CIRCUIT
SD1476
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com