Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8349
Description  PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8349 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
MPC8349E PowerQUICC™ II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
59
Package and Pin Listings
GPIO1[1]/GTM1_TGATE1/
GTM2_TGATE2
E24
I/O
OVDD
GPIO1[2]/GTM1_TOUT1
B25
I/O
OVDD
GPIO1[3]/GTM1_TIN2/GTM2_TIN1
D24
I/O
OVDD
GPIO1[4]/GTM1_TGATE2/
GTM2_TGATE1
A25
I/O
OVDD
GPIO1[5]/GTM1_TOUT2/
GTM2_TOUT1
B24
I/O
OVDD
GPIO1[6]/GTM1_TIN3/GTM2_TIN4
A24
I/O
OVDD
GPIO1[7]/GTM1_TGATE3/
GTM2_TGATE4
D23
I/O
OVDD
GPIO1[8]/GTM1_TOUT3
B23
I/O
OVDD
GPIO1[9]/GTM1_TIN4/GTM2_TIN3
A23
I/O
OVDD
GPIO1[10]/GTM1_TGATE4/
GTM2_TGATE3
F22
I/O
OVDD
GPIO1[11]/GTM1_TOUT4/
GTM2_TOUT3
E22
I/O
OVDD
USB Port 1
MPH1_D0_ENABLEN/
DR_D0_ENABLEN
A26
I/O
OVDD
MPH1_D1_SER_TXD/
DR_D1_SER_TXD
B26
I/O
OVDD
MPH1_D2_VMO_SE0/
DR_D2_VMO_SE0
D25
I/O
OVDD
MPH1_D3_SPEED/DR_D3_SPEED
A27
I/O
OVDD
MPH1_D4_DP/DR_D4_DP
B27
I/O
OVDD
MPH1_D5_DM/DR_D5_DM
C27
I/O
OVDD
MPH1_D6_SER_RCV/
DR_D6_SER_RCV
D26
I/O
OVDD
MPH1_D7_DRVVBUS/
DR_D7_DRVVBUS
E26
I/O
OVDD
MPH1_NXT/DR_SESS_VLD_NXT
D27
I
OVDD
MPH1_DIR_DPPULLUP/
DR_XCVR_SEL_DPPULLUP
A28
I/O
OVDD
MPH1_STP_SUSPEND/
DR_STP_SUSPEND
F26
O
OVDD
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
E27
I
OVDD
Table 51. MPC8349E (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com