Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8349
Description  PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8349 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8349 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
MPC8349E PowerQUICC™ II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
61
Package and Pin Listings
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_COL/GPIO2[20]
A17
I/O
OVDD
TSEC1_CRS/GPIO2[21]
F12
I/O
LVDD1
TSEC1_GTX_CLK
D10
O
LVDD1
3
TSEC1_RX_CLK
A11
I
LVDD1
TSEC1_RX_DV
B11
I
LVDD1
TSEC1_RX_ER/GPIO2[26]
B17
I/O
OVDD
TSEC1_RXD[7:4]/GPIO2[22:25]
B16, D16, E16, F16
I/O
OVDD
TSEC1_RXD[3:0]
E10, A8, F10, B8
I
LVDD1
TSEC1_TX_CLK
D17
I
OVDD
TSEC1_TXD[7:4]/GPIO2[27:30]
A15, B15, A14, B14
I/O
OVDD
TSEC1_TXD[3:0]
A10, E11, B10, A9
O
LVDD1
TSEC1_TX_EN
B9
O
LVDD1
TSEC1_TX_ER/GPIO2[31]
A16
I/O
OVDD
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_COL/GPIO1[21]
C14
I/O
OVDD
TSEC2_CRS/GPIO1[22]
D6
I/O
LVDD2
TSEC2_GTX_CLK
A4
O
LVDD2
TSEC2_RX_CLK
B4
I
LVDD2
TSEC2_RX_DV/GPIO1[23]
E6
I/O
LVDD2
TSEC2_RXD[7:4]/GPIO1[26:29]
A13, B13, C13, A12
I/O
OVDD
TSEC2_RXD[3:0]/GPIO1[13:16]
D7, A6, E8, B7
I/O
LVDD2
TSEC2_RX_ER/GPIO1[25]
D14
I/O
OVDD
TSEC2_TXD[7]/GPIO1[31]
B12
I/O
OVDD
TSEC2_TXD[6]/
DR_XCVR_TERM_SEL
C12
O
OVDD
TSEC2_TXD[5]/
DR_UTMI_OPMODE1
D12
O
OVDD
TSEC2_TXD[4]/
DR_UTMI_OPMODE0
E12
O
OVDD
TSEC2_TXD[3:0]/GPIO1[17:20]
B5, A5, F8, B6
I/O
LVDD2
TSEC2_TX_ER/GPIO1[24]
F14
I/O
OVDD
TSEC2_TX_EN/GPIO1[12]
C5
I/O
LVDD2
3
Table 51. MPC8349E (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com