Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-T68F Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LR-T68F
Description  TOPLED™ Black Surface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-T68F Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LR-T68F Datasheet HTML 7Page - ams-OSRAM AG LR-T68F Datasheet HTML 8Page - ams-OSRAM AG LR-T68F Datasheet HTML 9Page - ams-OSRAM AG LR-T68F Datasheet HTML 10Page - ams-OSRAM AG LR-T68F Datasheet HTML 11Page - ams-OSRAM AG LR-T68F Datasheet HTML 12Page - ams-OSRAM AG LR-T68F Datasheet HTML 13Page - ams-OSRAM AG LR-T68F Datasheet HTML 14Page - ams-OSRAM AG LR-T68F Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LR T68F
DATASHEET
DATASHEET
11 | Version 1.5 | 2025-12-15
Dimensional Drawing 8)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Further Information:
Approximate Weight:
34.0 mg
Package marking:
Cathode
Corrosion test:
Class: 1B
Test condition: 25°C / 75 % RH / 200ppb SO
2, 200ppb NO2, 10ppb H2S,
10ppb Cl
2
/ 21 days (EN 60068-2-60 (Method 4))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com