Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-GVSR Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LRTB-GVSR
Description  OSIRE® E3635
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-GVSR Datasheet(HTML) 5 Page - ams-OSRAM AG

  LRTB-GVSR Datasheet HTML 1Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 2Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 3Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 4Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 5Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 6Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 7Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 8Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LRTB GVSR
DATASHEET
DATASHEET
5 | Version 1.4 | 2023-09-11
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Peak Wavelength
λ
peak
typ.
632 nm
523 nm
455 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
620 nm
626 nm
632 nm
519 nm
528 nm
546 nm
447 nm
465 nm
476 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
18 nm
33 nm
25 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
1.70 V
2.05 V
2.40 V
2.10 V
2.60 V
3.00 V
2.50 V
2.85 V
3.20 V
Reverse current 2)
V
R = 12 V
I
R
typ.
max.
0.01 µA
10 µA
0.01 µA
10 µA
0.01 µA
10 µA
Real thermal resistance junction/sol-
derpoint 5)
R
thJS real
typ.
max.
90 K / W
120 K / W
83 K / W
100 K / W
66 K / W
90 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com