Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTB-GVSR Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LRTB-GVSR
Description  OSIRE® E3635
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTB-GVSR Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LRTB-GVSR Datasheet HTML 3Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 4Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 5Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 6Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 7Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 8Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 9Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 10Page - ams-OSRAM AG LRTB-GVSR Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LRTB GVSR
DATASHEET
DATASHEET
7 | Version 1.4 | 2023-09-11
Wavelength Groups
● true green
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
DJ
519 nm
524 nm
FL
521 nm
526 nm
JP
524 nm
529 nm
LR
526 nm
531 nm
PU
529 nm
534 nm
RW
531 nm
536 nm
U3
534 nm
541 nm
18
539 nm
546 nm
Wavelength Groups
● blue
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
73
447 nm
451 nm
51
449 nm
453 nm
3C
451 nm
456 nm
AF
454 nm
459 nm
DH
457 nm
461 nm
FK
459 nm
463 nm
HM
461 nm
465 nm
KP
463 nm
467 nm
MS
465 nm
470 nm
QV
468 nm
473 nm
TZ
471 nm
476 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com