Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WQS Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 26Page - STMicroelectronics STA323WQS Datasheet HTML 27Page - STMicroelectronics STA323WQS Datasheet HTML 28Page - STMicroelectronics STA323WQS Datasheet HTML 29Page - STMicroelectronics STA323WQS Datasheet HTML 30Page - STMicroelectronics STA323WQS Datasheet HTML 31Page - STMicroelectronics STA323WQS Datasheet HTML 32Page - STMicroelectronics STA323WQS Datasheet HTML 33Page - STMicroelectronics STA323WQS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
Electrical characteristics curves
STA323WQS
30/78
Figure 36.
THD+N vs. output power, single ended, 1 kHz, half-bridge binary
Figure 37.
THD vs. frequency, single ended, 1 W
Figure 38.
THD vs. frequency, single ended, 8 W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
50
200m
500m
1
2
5
10
20
W
4ohm
3 ohm
2 ohm
2ohm
3ohm
4ohm
0.01
0.5
0.02
0.03
0.04
0.05
0.06
0.08
0.1
0.2
0.3
0.4
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
2ohm
3ohm
4ohm
0.01
5
0.02
0.05
0.1
0.2
0.5
1
2
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com