Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323WQS Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA323WQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 45Page - STMicroelectronics STA323WQS Datasheet HTML 46Page - STMicroelectronics STA323WQS Datasheet HTML 47Page - STMicroelectronics STA323WQS Datasheet HTML 48Page - STMicroelectronics STA323WQS Datasheet HTML 49Page - STMicroelectronics STA323WQS Datasheet HTML 50Page - STMicroelectronics STA323WQS Datasheet HTML 51Page - STMicroelectronics STA323WQS Datasheet HTML 52Page - STMicroelectronics STA323WQS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
STA323WQS
Register descriptions
49/78
Setting the IDE bit enables this function, which looks at the input I2S data and clocking and
automatically mutes all outputs if the signals are invalid.
Detects loss of input MCLK in binary mode and outputs 50% duty cycle to prevent audible
noise when input clocking is lost.
When ECLE is active, it issues a power device power down signal (EAPD) on clock loss
detection.
EAPD is used to actively power down a connected DDX® power device. This register has to
be written to 1 at start-up to enable the DDX® power device for normal operation.
Table 44.
Output configuration selections
OCFG[1:0]
Output power configuration
00
2 channel (full-bridge) power, 1 channel DDX:
1A/1B
◊ 1A/1B
2A/2B
◊ 2A/2B
01
2(half-bridge).1(full-bridge) on-board power:
1A
◊ 1A
Binary
2A
◊ 1B
Binary
3A/3B
◊ 2A/2B Binary
10
Reserved
11
1 channel mono-parallel:
3A
◊ 1A/1B
3B
◊ 2A/2B
Table 45.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2RW
1
IDE
0: disabled
1: enabled
Table 46.
Binary clock loss detection enable
Bit
R/W
RST
Name
Description
5RW
1
BCLE
0: disabled
1: enabled
Table 47.
Auto-EAPD on clock loss enable
Bit
R/W
RST
Name
Description
7RW
0
ECLE
0: disabled
1: enabled
Table 48.
External amplifier power down
Bit
R/W
RST
Name
Description
7
RW
0
EAPD
0: external power stage power down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com