Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6NK90Z
Description  N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB6NK90Z Datasheet HTML 1Page - STMicroelectronics STB6NK90Z Datasheet HTML 2Page - STMicroelectronics STB6NK90Z Datasheet HTML 3Page - STMicroelectronics STB6NK90Z Datasheet HTML 4Page - STMicroelectronics STB6NK90Z Datasheet HTML 5Page - STMicroelectronics STB6NK90Z Datasheet HTML 6Page - STMicroelectronics STB6NK90Z Datasheet HTML 7Page - STMicroelectronics STB6NK90Z Datasheet HTML 8Page - STMicroelectronics STB6NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2007
Rev 5
1/18
18
STP6NK90Z - STP6NK90ZFP
STB6NK90Z - STW7NK90Z
N-channel 900V - 1.56
Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247
Zener-protected SuperMESH™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs.
Application
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP6NK90Z
900 V
< 2
Ω
5.8 A
STP6NK90ZFP
900 V
< 2
Ω
5.8 A
STB6NK90Z
900 V
< 2
Ω
5.8 A
STW7NK90Z
900 V
< 2
Ω
5.8 A
TO-220
1
2
3
1
3
TO-247
TO-220FP
D2PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP6NK90Z
P6NK90Z
TO-220
Tube
STP6NK90ZFP
P6NK90ZFP
TO-220FP
Tube
STB6NK90ZT4
B6NK90Z
D2PAK
Tape e reel
STW7NK90Z
W7NK90Z
TO-247
Tube


Similar Part No. - STB6NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NK90Z STMICROELECTRONICS-STB6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
STB6NK90ZT4 STMICROELECTRONICS-STB6NK90ZT4 Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
More results

Similar Description - STB6NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STP9NK50Z STMICROELECTRONICS-STP9NK50Z_04 Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
N-channel 900V - 0.35Ω - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
N-channel 900V - 2Ω - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
14-Dec-2005
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com