Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB6NK90Z
Description  N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  STB6NK90Z Datasheet HTML 1Page - STMicroelectronics STB6NK90Z Datasheet HTML 2Page - STMicroelectronics STB6NK90Z Datasheet HTML 3Page - STMicroelectronics STB6NK90Z Datasheet HTML 4Page - STMicroelectronics STB6NK90Z Datasheet HTML 5Page - STMicroelectronics STB6NK90Z Datasheet HTML 6Page - STMicroelectronics STB6NK90Z Datasheet HTML 7Page - STMicroelectronics STB6NK90Z Datasheet HTML 8Page - STMicroelectronics STB6NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP6NK90Z - STP6NK90ZFP - STB6NK90Z - STW7NK90Z
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/
D2PAK/TO247
TO220FP
VDS
Drain-source voltage (VGS = 0)
900
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
5.8
5.8 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
3.65
3.65 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
23.2
23.2 (1)
A
PTOT
Total dissipation at TC = 25°C
140
30
W
Derating factor
1.12
0.24
W/°C
dv/dt (3)
3.
ISD ≤5.8 A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1s; Tc= 25°C)
-
2500
V
Tj
Tstg
Max operating junction temperature
Storage temperature
-55 to 150
°C
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D2PAK
TO-220FP
TO-247
Rthj-case
Thermal resistance junction-
case max
0.89
4.2
0.89
°C/W
Rthj-pcb
Thermal resistance junction-
case max
60
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
62.5
50
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com