Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE4M Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # FE4M
Description  SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

FE4M Datasheet(HTML) 1 Page - VoltarisTech Inc

  FE4M Datasheet HTML 1Page - VoltarisTech Inc FE4M Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE4M
SINTERED GLASS JUNCTION
ULTRAFAST AVALANCHE RECTIFIER
VOLTAGE:1000V
CURRENT: 3.0A
FEATURE
G-4
Glass passivated
Hermetically sealed package
Low reverse current
Soft recovery characteristics
MECHANICAL DATA
Case: G-4 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
SYMBOL
FE4M
units
Maximum Recurrent Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC blocking Voltage
VDC
1000
V
Maximum Average Forward Rectified
Current 3/8”lead
length at Ta=55℃
IFAV
3.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
IFSM
100
A
Maximum Forward Voltage at rated Forward Current
and 25℃
VF
1.75
V
Maximum DC Reverse Current
Ta=25℃
at rated DC Blocking Voltage
Ta=100℃
IR
5.0
100
A
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Typical Junction Capacitance
(Note 2)
Cj
100.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
20.0
℃ /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/
8”lead length, P.C. Board Mounted
Rev.A1,7-Jan-09
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - FE4M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
VoltarisTech Inc
FE4G VOLTARISTECH-FE4G Datasheet
372Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER
Rev.A1
logo
Gulf Semiconductor
FE4J GULFSEMI-FE4J Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
More results

Similar Description - FE4M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM26C GULFSEMI-BYM26C Datasheet
65Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 2.3A
BYV27-600 GULFSEMI-BYV27-600 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.6A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
SF1600 GULFSEMI-SF1600 Datasheet
91Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?600V CURRENT: 1.0A
logo
Shenzhen Luguang Electr...
BYM26C LUGUANG-BYM26C Datasheet
255Kb / 2P
Sintered Glass Junction ,Ultrafast Avalanche Rectifier
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
BYW96E LUGUANG-BYW96E Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
logo
Gaomi Xinghe Electronic...
SF1600 GXELECTRONICS-SF1600 Datasheet
342Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE : 1600 CURRENT: 1.0A
logo
SUNMATE electronic Co.,...
BY228 SUNMATE-BY228 Datasheet
350Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com