Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT38074SCMGI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT38074SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT38074SCMGI Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT38074SCMGI Datasheet HTML 1Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74FCT38074S Datasheet
4
© 2015-2025 Renesas Electronics Corporation
Jun 12, 2025
DC Electrical Characteristics
(VDD = 1.8V, 2.5V, 3.3V)
VDD=1.8V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise
Notes: 1. Nominal switching threshold is VDD/2
VDD=2.5 V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise
VDD=3.3 V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.71
1.89
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
VDD
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Output High Voltage
VOH
IOH = -10 mA
1.3
V
Output Low Voltage
VOL
IOL = 10 mA
0.35
V
Operating Supply Current
IDD
No load, 135 MHz
13
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
ICLK
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
VDD
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Output High Voltage
VOH
IOH = -16 mA
1.8
V
Output Low Voltage
VOL
IOL = 16 mA
0.5
V
Operating Supply Current
IDD
No load, 135 MHz
18
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
ICLK
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Input High Voltage, ICLK
VIH
Note 1
0.7xVDD
VDD
V
Input Low Voltage, ICLK
VIL
Note 1
0.3xVDD
V
Output High Voltage
VOH
IOH = -25 mA
2.2
V
Output Low Voltage
VOL
IOL = 25 mA
0.7
V
Operating Supply Current
IDD
No load, 135 MHz
22
mA
Nominal Output Impedance
ZO
17
Input Capacitance
CIN
ICLK
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com