Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT38074SCMGI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT38074SCMGI
Description  Low Skew 1 to 4 Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT38074SCMGI Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT38074SCMGI Datasheet HTML 1Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT38074SCMGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74FCT38074S Datasheet
2
© 2015-2025 Renesas Electronics Corporation
Jun 12, 2025
Pin Assignments
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01µF should be
connected between VDD on pins 1 and 2, and GND on pin 4, as close to the device as possible. A 33 series terminating resistor
may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the 74FCT38074S is capable of, careful attention must be paid to board layout. Essentially,
all four outputs must have identical terminations, identical loads and identical trace geometries. If they do not, the output skew
will be degraded. For example, using a 30 series termination on one output (with 33 on the others) will cause at least 15 ps
of skew.
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
VDD
Power
Connect to +1.8V, +2.5 V, or +3.3 V.
2
VDD
Power
Connect to +1.8V, +2.5 V, or +3.3 V.
3
ICLK
Input
Clock input.
4
GND
Power
Connect to ground.
5
Q1
Output
Clock output 1.
6
Q2
Output
Clock Output 2.
7
Q3
Output
Clock Output 3.
8
Q4
Output
Clock Output 4.
1
2
3
VDD
4
VDD
ICLK
Q3
GND
Q2
Q1
8
7
6
5
Q4
8-pin SOIC
1
2
3
VDD
4
VDD
ICLK
Q3
GND
Q2
Q1
8
7
6
5
Q4
8-pin DFN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com