Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCLDBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # MMBZ27VCLDBZR
Description  MMBZxxVCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ27VCLDBZR Datasheet(HTML) 4 Page - Texas Instruments

  MMBZ27VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Peak pulse
MMBZ15VCL - IEC 61643-321 Power (tp = 10/1000µs) at 25°C
40
W
Peak pulse
MMBZ15VCL - IEC 61643-321 Current (tp = 10/1000µs) at 25°C
1.9
A
Peak pulse
MMBZ27VCL - IEC 61643-321 Power (tp = 10/1000µs) at 25°C
35
W
Peak pulse
MMBZ27VCL - IEC 61643-321 Current (tp = 10/1000µs) at 25°C
1
A
Ptot
Total Power Dissipation (Tamb ≤ 25 °C)
500
mW
TA
Operating free-air temperature
-55
150
°C
Tstg
Storage temperature
-65
155
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings - JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001
± 2500
V
Charged device model (CDM), per JEDEC
specification JS-002
± 1000
5.3 ESD Ratings - IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air-gap Discharge, all pins
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free-air temperature
-55
150
°C
5.5 Thermal Information
THERMAL METRIC(1)
MMBZxxVCL
UNIT
DBZ ( SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
190.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
129.3
°C/W
RθJB
Junction-to-board thermal resistance
79.2
°C/W
ΨJT
Junction-to-top characterization parameter
50.9
°C/W
ΨJB
Junction-to-board characterization parameter
78.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
MMBZ15VCL, MMBZ27VCL
SLVSKB1 – DECEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MMBZ15VCL MMBZ27VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com