Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCLDBZR Datasheet(PDF) 5 Page - Texas Instruments

Part # MMBZ27VCLDBZR
Description  MMBZxxVCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ27VCLDBZR Datasheet(HTML) 5 Page - Texas Instruments

  MMBZ27VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ27VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5.6 Electrical Characteristics
Part Number
VRWM
VBR (V) at IT
V Clamp(1)
VC (V) at IPP
Reverse
Leakage
Current
IR (nA) at
VRWM
Temperature
Coefficient
SZ (mV/C) at IT
Capacitance
CD (pF)
Volts
MIN
TYP
MAX
IT (mA)
MAX
IPP (A)
MAX
TYP
IT (mA)
MAX
MMBZxxVCL
12
14.3
15
15.8
1
21
1.9
50
11
1
137
MMBZxxVCL
22
25.65
27
28.35
1
38
1
50
23
1
90
(1)
Device stressed with 10/1000μs exponential decay waveform according to IEC 61643-321
5.7 Typical Characteristics
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
10
15
20
25
30
35
MMBZ15VCL
MMBZ27VCL
Figure 5-1. Breakdown Voltage vs Temperature
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
MMBZ15VCL
MMBZ27VCL
Figure 5-2. Leakage Current vs Temperature
Ambient Temperature (°C)
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Figure 5-3. Peak Pulse Power Derating Curve
www.ti.com
MMBZ15VCL, MMBZ27VCL
SLVSKB1 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: MMBZ15VCL MMBZ27VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com