Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-G6SP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LS-G6SP
Description  Advanced Power TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-G6SP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LS-G6SP Datasheet HTML 1Page - ams-OSRAM AG LS-G6SP Datasheet HTML 2Page - ams-OSRAM AG LS-G6SP Datasheet HTML 3Page - ams-OSRAM AG LS-G6SP Datasheet HTML 4Page - ams-OSRAM AG LS-G6SP Datasheet HTML 5Page - ams-OSRAM AG LS-G6SP Datasheet HTML 6Page - ams-OSRAM AG LS-G6SP Datasheet HTML 7Page - ams-OSRAM AG LS-G6SP Datasheet HTML 8Page - ams-OSRAM AG LS-G6SP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LS G6SP
1 Version 1.5 | 2021-05-05
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS G6SP
Advanced Power TOPLED®
Advanced Power TOPLED features a compact pack-
age with a wide brightness range and high luminous
efficiency.
—
Custom Tuning
—
Displays (Backlighting)
—
Interior Illumination (e.g. Ambient Map)
—
Signalling
Features:
—
Package: white SMT package, colorless clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 630 nm (● super red)
—
Optical efficacy: 74 lm/W
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified with RV-level 1
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LS-G6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
logo
ams-OSRAM AG
LS-G6SP-01 AMSOSRAM-LS-G6SP-01 Datasheet
1Mb / 21P
Advanced Power TOPLED®
2020-06-15
LS-G6SP-02 AMSOSRAM-LS-G6SP-02 Datasheet
1Mb / 22P
Advanced Power TOPLED®
2022-06-10
More results

Similar Description - LS-G6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com