Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-H9PP Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LS-H9PP
Description  OSLON® Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-H9PP Datasheet(HTML) 5 Page - ams-OSRAM AG

  LS-H9PP Datasheet HTML 1Page - ams-OSRAM AG LS-H9PP Datasheet HTML 2Page - ams-OSRAM AG LS-H9PP Datasheet HTML 3Page - ams-OSRAM AG LS-H9PP Datasheet HTML 4Page - ams-OSRAM AG LS-H9PP Datasheet HTML 5Page - ams-OSRAM AG LS-H9PP Datasheet HTML 6Page - ams-OSRAM AG LS-H9PP Datasheet HTML 7Page - ams-OSRAM AG LS-H9PP Datasheet HTML 8Page - ams-OSRAM AG LS-H9PP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LS H9PP
5 Version 1.11 | 2020-01-30
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 350 mA
I
F = 350 mA
I
F = 350 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
HY
33 lm
39 lm
12 cd
HZ
39 lm
45 lm
14 cd
JX
45 lm
52 lm
16 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 350 mA
I
F = 350 mA
min.
max.
V
F
V
F
J3
2.00 V
2.15 V
M3
2.15 V
2.30 V
Q3
2.30 V
2.45 V
T3
2.45 V
2.60 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com