Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-H9PP Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LS-H9PP
Description  OSLON® Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-H9PP Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LS-H9PP Datasheet HTML 6Page - ams-OSRAM AG LS-H9PP Datasheet HTML 7Page - ams-OSRAM AG LS-H9PP Datasheet HTML 8Page - ams-OSRAM AG LS-H9PP Datasheet HTML 9Page - ams-OSRAM AG LS-H9PP Datasheet HTML 10Page - ams-OSRAM AG LS-H9PP Datasheet HTML 11Page - ams-OSRAM AG LS-H9PP Datasheet HTML 12Page - ams-OSRAM AG LS-H9PP Datasheet HTML 13Page - ams-OSRAM AG LS-H9PP Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LS H9PP
10 Version 1.11 | 2020-01-30
Max. Permissible Forward Current
I
F = f(T)
020406080
100
120
140
TS [°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
IF [mA]
LS H9PP
Do not use below 20 mA
:TS
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D T
T
tP
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D T
T
tP
IF
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com