Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT751 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FZT751
Description  Silicon PNP RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FZT751 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FZT751 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FZT751 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FZT751 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon PNP RF Power Transistor
FZT751
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC=-100μA,IE= 0
-80
--
--
V
BVCEO
Collector-emitter breakdown voltage
IC=-1mA,IB= 0
-60
--
--
V
BVEBO
Emitter-base breakdown voltage
IE=-100μA,IC= 0
-5
--
--
V
ICBO
Collector Cutoff Current
VCB= -60V; IE= 0
--
--
-0.1
μA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
--
--
-0.1
μA
hFE
DC Current Gain
IC= -50mA ; VCE= -2V
70
--
--
--
IC= -0.5A ; VCE= -2V
100
--
300
--
IC= -1A ; VCE= -2V
80
--
--
--
IC= -2A ; VCE= -2V
40
--
--
--
VCE(sat)
Collector-emitter saturation voltage
IC= -1A; IB= -100mA
--
--
-0.3
V
IC= -3A; IB= -300mA
--
--
-0.6
V
VBE(sat)
Base-emitter saturation voltage
IC= -1A; IB= -100mA
--
--
-1.25
V
VBE(on)
Base-emitter turn-on voltage
VCE= -2V; IC= 1A
--
--
-1.0
V
fT
Current-Gain-Bandwidth Product
IC= -100mA ; VCE= -5V
100
--
--
MHz
Cob
Output capacitance
IE= 0, VCB = -10V, f= 1MHz
--
--
30
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com