Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT751 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FZT751
Description  Silicon PNP RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FZT751 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FZT751 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FZT751 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FZT751 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon PNP RF Power Transistor
FZT751
www.iscsemi.com
1
FEATURES
·
High voltage
·
IC = 2A High Continuous Current
·
Low Saturation Voltage
·
Complementary PNP Type: FZT651
APPLICATIONS
·
Motor drive
·
Lighting circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-2
A
ICM
Peak pulse current
-4
A
PD
Collector Power Dissipation
2
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - FZT751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT751 ZETEX-FZT751 Datasheet
97Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT751 KEXIN-FZT751 Datasheet
37Kb / 2P
High Performance Transistor
logo
Diodes Incorporated
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT751Q DIODES-FZT751Q Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT751Q DIODES-FZT751Q Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
More results

Similar Description - FZT751

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
Silicon PNP Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BF324 SIEMENS-BF324 Datasheet
88Kb / 4P
PNP SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BFT92 INFINEON-BFT92 Datasheet
79Kb / 7P
PNP Silicon RF Transistor
Jul-16-2001
logo
Motorola, Inc
MXR5160 MOTOROLA-MXR5160 Datasheet
28Kb / 1P
RF TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
MPSH81 CENTRAL-MPSH81 Datasheet
116Kb / 2P
PNP SILICON RF TRANSISTOR
MPSH81 CENTRAL-MPSH81_15 Datasheet
116Kb / 2P
PNP SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF606A SIEMENS-BF606A Datasheet
61Kb / 2P
PNP Silicon RF Transistor
logo
Vishay Telefunken
BF509 TFUNK-BF509 Datasheet
250Kb / 5P
Silicon PNP RF Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com