Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 1 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 1 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC122032B6W-BNMLW-V2 122 x 32
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
* - For full design functionality, please use this
specification in conjunction with the
SBN1661G_M02 specification.(Provided Separately)
Display Features
Resolution
122 x 32
Appearance
White on Blue
Logic Voltage
5V
Interface
Parallel
Font Set
N/A
Display Mode
Transmissive
LC Type
BSTN
Module Size
84.00 x 44.00 x 15.00
Operating Temperature
-20°C ~ +70°C
Construction
COB
Box Quantity
Weight / Display
LED Backlight
White
45 pcs
28.88 grams
Display Accessories
Part Number
Description
VBWFD
1
USB PIC18F2550
microcontroller board to 20-way
Single in-line COB Graphic
LCD.
Optional Variants
Appearances
Voltage
Black on Yellow/Green
Black on White
Page 1 of 4
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG


Similar Part No. - VBWFD1

ManufacturerPart #DatasheetDescription
logo
Midas Components
VBWFD1 MIDASDISPLAYS-VBWFD1 Datasheet
912Kb / 25P
LCD Module
Version: 1 31/10/2016
VBWFD1 MIDASDISPLAYS-VBWFD1 Datasheet
650Kb / 4P
LCD Module
Version: 1 31/10/2016
VBWFD1 MIDASDISPLAYS-VBWFD1 Datasheet
658Kb / 4P
LCD Module
Version: 1 31/10/2016
VBWFD1 MIDASDISPLAYS-VBWFD1 Datasheet
617Kb / 4P
LCD Module
Version: 1 31/10/2016
VBWFD1 MIDASDISPLAYS-VBWFD1 Datasheet
884Kb / 5P
LCD Module
Version: 1 31/10/2016
More results

Similar Description - VBWFD1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com