Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBWFD1 Datasheet(PDF) 3 Page - Midas Components

Part # VBWFD1
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

VBWFD1 Datasheet(HTML) 3 Page - Midas Components

  VBWFD1 Datasheet HTML 1Page - Midas Components VBWFD1 Datasheet HTML 2Page - Midas Components VBWFD1 Datasheet HTML 3Page - Midas Components VBWFD1 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block Diagram
Power Supply Diagram
1
Vdd
Power Supply for LCM
2
Vss
GND
5.0V
3
V0
Contrast Adjust
4
A0
H/L H: Data; L: Instruction Code
5
CS1
Chip 1 Enable Signal
6
CS2
Chip 2 Enable Signal
7
CL
Clock Input (2 KHz)
8
E
Enable Signal
9
R/W
Data Read / Write
10
DB0
Data bus Line
11
DB
1
Data bus Line
12
DB2
Data bus Line
13
DB3
Data bus Line
14
DB4
Data bus Line
15
DB5
Data bus Line
16
DB6
Data bus Line
17
DB7
Data bus Line
18
RST
Reset Signal
19
LED+
Power Supply for BKL
5.0V
20
LED-
Power Supply for BKL
Pin Layout
COM17-32
Vss
Vdd
V0
A0
CS1
DB0
DB7
SEG1-61
SEG62-122
SEG62-122
COM1-16
CK
FR
U1
U2
122X32
SEG1-61
SEG62-122
COM1
COM16
COM17
LCD PANEL
COM32
CS2
PIN17
PIN18
LED BACKLIGHT
R
SINGLE SUPPLY TYPES
Vdd
+5V
Vdd ~
Vdd
RPOT
VSS
V0
V0
RPOT: 10K-20K
R/W /RST E CL
MC122032B6W-BNMLW-V2
122 x 32
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com