Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7418
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7418 Datasheet HTML 8Page - STMicroelectronics TDA7418 Datasheet HTML 9Page - STMicroelectronics TDA7418 Datasheet HTML 10Page - STMicroelectronics TDA7418 Datasheet HTML 11Page - STMicroelectronics TDA7418 Datasheet HTML 12Page - STMicroelectronics TDA7418 Datasheet HTML 13Page - STMicroelectronics TDA7418 Datasheet HTML 14Page - STMicroelectronics TDA7418 Datasheet HTML 15Page - STMicroelectronics TDA7418 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Description of the audioprocessor
TDA7418
12/29
4
Description of the audioprocessor
4.1
Input stages
In the basic configuration, one stereo pseudo differential (programmable as single-ended
input) and three single-ended stereo inputs are available.
Pseudo differential stereo input (PD/SE4)
The PD input is implemented as a buffered pseudo differential stereo stage with 100k
Ω
input-impedance at each input. The attenuation is fixed to -3dB in order to adapt the
incoming signal level. It is also configurable as single-ended input.
Single-ended stereo input (SE1, SE2, SE3)
The input-impedance at each input is 100k
Ω and the attenuation is fixed to -3dB for
incoming signals.
Figure 3.
Input stage
4.2
AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by
canceling any offset generated by or before the In-Gain-stage (Please notice that externally
generated offsets, e.g. generated through the leakage current of the coupling capacitors,
are not canceled).
The auto-zeroing is started every time the input source is changed and needs max. 0.6ms
for the alignment. To avoid audible clicks the Audio processor is muted before the loudness
stage during this time.
AutoZero-remain
In some cases, for example if the µP is executing a refresh cycle of the IIC-Bus-
programming, it is not useful to start a new AutoZero-action because no new source is
QD/SE4
QD_L/SE4_L
QD_R/SE4_R
QD_G
SE3
SE2
SE2_L
SE2_R
QD/SE4
SE1
SE2
SE3
Input
Selector
In Gain
SE1
SE1_L
SE1_R
SE3_L
SE3_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com