Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7418 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7418
Description  3 Band car audio procesor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7418 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7418 Datasheet HTML 19Page - STMicroelectronics TDA7418 Datasheet HTML 20Page - STMicroelectronics TDA7418 Datasheet HTML 21Page - STMicroelectronics TDA7418 Datasheet HTML 22Page - STMicroelectronics TDA7418 Datasheet HTML 23Page - STMicroelectronics TDA7418 Datasheet HTML 24Page - STMicroelectronics TDA7418 Datasheet HTML 25Page - STMicroelectronics TDA7418 Datasheet HTML 26Page - STMicroelectronics TDA7418 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TDA7418
I2C Bus specification
23/29
Table 9.
Volume / speaker attenuation (2,7,8,9,10,11)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
0
:
0
0
:
1
1
1
0
0
:
0
0
0
0
:
0
1
:
0
0
1
0
0
:
0
0
1
1
:
1
0
:
1
1
x
1
1
:
0
0
0
0
:
1
0
:
1
1
x
1
1
:
0
0
0
0
:
1
0
:
1
1
x
1
1
:
0
0
0
0
:
1
0
:
1
1
x
1
0
:
1
0
0
1
:
1
0
:
0
1
x
Gain/Attenuation
+15dB
+14dB
:
+1dB
0dB
0dB
-1dB
:
-15dB
-16dB
:
-78dB
-79dB
Mute
0
1
Volume Soft Step
on
off
Table 10.
Treble filter (3)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Gain/Attenuation
-15dB
-14dB
:
-1dB
0dB
0dB
+1dB
:
+14dB
+15dB
0
0
1
1
0
1
0
1
Treble Center Frequency
10.0kHz
12.5kHz
15.0kHz
17.5kHz
1
Must be “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com