Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87108AVHG Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87108AVHG
Description  Advanced UART and Infrared Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87108AVHG Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87108AVHG Datasheet HTML 17Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 18Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 19Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 20Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 21Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 22Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 23Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 24Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
3.0 Architectural Description (Continued)
When set to 1, transmit deferral is enabled.
Effective only when the TX__FIFO is enabled.
B4
IR__PLS – Send Interaction Pulse.
This bit is effective only in MIR and FIR Modes.
It is set to 1 by writing 1 into it.
Writing 0 into it has no effect.
When set to 1,a2µs infrared interaction pulse is transmitted at the end of the frame and the bit is automatically cleared
by the hardware.
This bit is also cleared when the transmitter is soft reset.
Note: The interaction pulse must be emitted at least once every 500 ms, as long as the high-speed connection lasts, in order to quiet slower (115.2 kbps
or below) systems that might otherwise interfere with the link.
B7–5 MDSL [2–0] – Mode Select.
These bits are used to select the operational mode as shown in
Table 5.
When the mode is changed, the transmitter and receiver are soft reset, and the modem status events are cleared.
TABLE 5. UIR Module Operational Modes
Bits
Operational Mode
765
000
UART
001
Reserved
010
Sharp-IR
011
SIR
100
MIR
101
FIR
110
CEIR
111
Reserved
3.1.6 LSR – Link Status Register
This register provides status information to the CPU concerning the data transfer.
Bits 1 through 4 (and 7 when in MIR or FIR mode) indicate link status events.
These bits are sticky, and accumulate any conditions occurred since the last time the register was read.
These bits are cleared when any of the following events occurs:
1.
Hardware reset.
2.
The receiver is soft reset.
3.
The LSR register is read.
Note: This register is intended for read operations only. Writing to this register is not recommended as it may cause indeterminate results.
B0 RXDA – Receiver Data Available.
Set to 1 when the Receiver Holding Register is full.
If the FIFOs are enabled, this bit is set when at least one character is in the RX__FIFO.
Cleared when the CPU reads all the data in the Holding Register or in the RX__FIFO.
B1
UART, Sharp-IR, SIR, CEIR Modes
OE – Overrun Error.
This bit is set to 1 as soon as an overrun condition is detected by the receiver.
Cleared upon read.
FIFOs Disabled: An overrun occurs when a new character is completely received into the receiver front-end section and the
CPU has not yet read the previous character in the receiver holding register. The new character is discarded, and the re-
ceiver holding register is not affected.
Bits
B7
B6
B5
B4
B3
B2
B1
B0
Function
ER__INF/
FR__END
TXEMP
TXRDY
BRK/
MAX__LEN
FE/
PHY__ERR
PE/
BAD__CRC
OE
RXDA
Reset State
01
1
0
0
0
0
0
FIGURE 12. Link Status Register
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com