Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87108AVHG Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87108AVHG
Description  Advanced UART and Infrared Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87108AVHG Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87108AVHG Datasheet HTML 9Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 10Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 11Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 12Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 13Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 14Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 15Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 16Page - National Semiconductor (TI) PC87108AVHG Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
2.0 Functional Description (Continued)
Since various operational modes are supported, the transmitter power as well as the receiver filter in the transceiver module must
be configured according to the selected mode.
The PC87108A provides four special interface pins (ID/IRSL[2–0] and ID3) to control the infrared transceiver. The logic levels of
the ID/IRSL[2–0] pins can be either directly controlled by the software (through the setting of bits 2–0 in the IRCFG1 register),
or can be automatically selected by the device whenever a new mode is entered.
The automatic transceiver configuration is enabled by setting the AMCFG bit in the IRCFG4 register to 1. One of its advantages
is that it allows the low-level functional details of the transceiver module being used to be hidden from the software drivers. It also
speeds up the transceiver mode selection, and it must be enabled if the pipelining feature is to be used.
The operational mode settings for the automatic configuration are determined by various bit fields in the IRCFGn registers that
must be programmed when the device is initialized.
The ID/IRSL[2–0] pins will power up as inputs and can be driven by an external source. When in input mode, they can be used
to read the identification data of Plug-n-Play infrared adapters. The ID3 pin is input-only and is also used for this purpose.
The ID0/IRSL0/IRRX2 pin can also function as an input to support an additional infrared receive signal. In this case, however, only
two configuration pins will be available. The IRSL0__DS and IRSL21__DS bits in the IRCFG4 register determine the direction of
the ID/IRSL[2–0] pins.
3.0 Architectural Description
Eight register banks are provided to control the operation of the UIR module. These banks are mapped into the same address
range, and only the selected bank is directly accessible by the software. The address range spans 8 byte locations. The BSR reg-
ister is used to select the bank and is common to all banks. Therefore, each bank defines seven new registers. The register banks
can be divided into two sets. Banks 0–3 are used to control both UART and infrared modes of operation; banks 4–7 are used to
control and configure the infrared modes only. The register bank main functions are listed in
Table 1. Descriptions of the various
registers are given in the following sections.
TABLE 1. Register Banks Summary
Bank
UART
IR
Description
Mode
Mode
0
UU
Global Control and Status Registers
1
UU
Legacy Bank
2
UU
Baud Generator Divisor and Extended Control
3
UU
Identification and Shadow Registers
4
U
Timer and Counters
5
U
Infrared Control and Status FIFO
DS012549-4
FIGURE 4. Register Bank Architecture
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com