Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-W5AM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LT-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-W5AM Datasheet(HTML) 5 Page - ams-OSRAM AG

  LT-W5AM Datasheet HTML 1Page - ams-OSRAM AG LT-W5AM Datasheet HTML 2Page - ams-OSRAM AG LT-W5AM Datasheet HTML 3Page - ams-OSRAM AG LT-W5AM Datasheet HTML 4Page - ams-OSRAM AG LT-W5AM Datasheet HTML 5Page - ams-OSRAM AG LT-W5AM Datasheet HTML 6Page - ams-OSRAM AG LT-W5AM Datasheet HTML 7Page - ams-OSRAM AG LT-W5AM Datasheet HTML 8Page - ams-OSRAM AG LT-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.2
LT W5AM
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
513
519
3
519
525
4
525
531
5
531
537
6
537
543
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
Brightness Groups
Helligkeitsgruppen
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
1) page 20
Luminous Flux
1) page 20
Luminous Intensity
5) page 20
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
KX
71
82
19
KY
82
97
22
KZ
97
112
26
Gruppe
Lichtstrom 1)Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 5) Seite 20
Group
Luminous Flux
2015-12-14
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com