Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-W5AM Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # LT-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LT-W5AM Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button LT-W5AM Datasheet HTML 4Page - ams-OSRAM AG LT-W5AM Datasheet HTML 5Page - ams-OSRAM AG LT-W5AM Datasheet HTML 6Page - ams-OSRAM AG LT-W5AM Datasheet HTML 7Page - ams-OSRAM AG LT-W5AM Datasheet HTML 8Page - ams-OSRAM AG LT-W5AM Datasheet HTML 9Page - ams-OSRAM AG LT-W5AM Datasheet HTML 10Page - ams-OSRAM AG LT-W5AM Datasheet HTML 11Page - ams-OSRAM AG LT-W5AM Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Version 1.2
LT W5AM
Forward Current 4) page 21 , 5) page 21
Durchlassstrom 4) Seite 21 , 5) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 4) page 21 , 5) page 21
Relativer Lichtstrom 4) Seite 21 , 5) Seite 21
ΦV/ΦV(350 mA) = f(IF); TS = 25 °C
Dominant Wavelength 4) page 21
Dominante Wellenlänge 4) Seite 21
λdom = f(IF); TS = 25 °C
OHL06010
2.8
3.0
3.2
3.4
3.6
200
400
600
800
1000
V (V)
F
I (mA)
F
50
OHL06039
0.0
0.5
1.0
1.5
2.0
I (mA)
F
Φ
V
Φ
V
(350 mA)
OHL06080
-10
-5
0
5
10
∆λ
(nm)
dom
I (mA)
F
2015-12-14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com