Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R37G Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LTRB-R37G
Description  Multi Chip LED
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LTRB-R37G Datasheet(HTML) 5 Page - ams-OSRAM AG

  LTRB-R37G Datasheet HTML 1Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 2Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 3Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 4Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 5Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 6Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 7Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 8Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTRB R37G
DATASHEET
DATASHEET
5 | Version 1.4 | 2025-12-03
Characteristics
I
F = 2 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● true green
● red
● blue
Peak Wavelength
λ
peak
typ.
518 nm
630 nm
466 nm
Dominant Wavelength 1)
λ
dom
typ.
530 nm
623 nm
472 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
33 nm
16 nm
25 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
120 °
Forward Voltage 2)
I
F = 2 mA
V
F
min.
typ.
max.
2.3 V
2.6 V
2.8 V
1.6 V
1.9 V
2.1 V
2.4 V
2.7 V
2.9 V
Real thermal resistance junction/sol-
derpoint 3)
one-chip-operation
R
thJS real
typ.
max.
630 K / W
900 K / W
500 K / W
870 K / W
530 K / W
780 K / W
Real thermal resistance junction/sol-
derpoint 3)
multi-chip-operation
R
thJS real
typ.
max.
740 K / W
1100 K / W
840 K / W
1300 K / W
710 K / W
880 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com