Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-R37G Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # LTRB-R37G
Description  Multi Chip LED
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LTRB-R37G Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button LTRB-R37G Datasheet HTML 9Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 10Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 11Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 12Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 13Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 14Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 15Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 16Page - ams-OSRAM AG LTRB-R37G Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTRB R37G
DATASHEET
DATASHEET
13 | Version 1.4 | 2025-12-03
Relative Luminous Intensity 5), 6)
I
v/Iv(2 mA) = f(IF); TS = 25 °C
LTRB R37G
IF /mA
0.556
8.7
1
2
3
4
5
IV
IV(2mA)
:truegreen
Relative Luminous Intensity 5), 6)
I
v/Iv(2 mA) = f(IF); TS = 25 °C
LTRB R37G
IF /mA
0.467
20.4
0.5
1
2
3
4
5
10
20
IV
IV(2mA)
:red
Relative Luminous Intensity 5), 6)
I
v/Iv(2 mA) = f(IF); TS = 25 °C
LTRB R37G
IF /mA
0.541
5.4
1
2
3
4
5
IV
IV(2mA)
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com