Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASF-01 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LTRB-RASF-01
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LTRB-RASF-01 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LTRB-RASF-01 Datasheet HTML 7Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 8Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 9Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 10Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 11Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 12Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 13Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 14Page - ams-OSRAM AG LTRB-RASF-01 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LTRB RASF.01
DATASHEET
DATASHEET
11 | Version 1.1 | 2025-02-03
Relative Luminous Intensity 6), 7)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
LTRB RASF.01
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(20mA)
:truegreen
Relative Luminous Intensity 6), 7)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
LTRB RASF.01
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(20mA)
:red
Relative Luminous Intensity 6), 7)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
LTRB RASF.01
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(20mA)
:blue
Relative Luminous Intensity 6), 7)
I
v/Iv(20 mA) = f(If); Ts = 25 °C; all chips on
LTRB RASF.01
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IV
IV(20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com