Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASF Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # LTRB-RASF
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LTRB-RASF Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button LTRB-RASF Datasheet HTML 20Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 21Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 22Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 23Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 24Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 25Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 26Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 27Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
LTRB RASF
DATASHEET
DATASHEET
24 | Version 1.9 | 2024-11-04
C
Chhiipp TTeecchhnnoollooggyy::
FF::
white binning (bi-color: InGaAlP Thinfilm)
G
G::
InGaAlP (Thinfilm), ThinGaN
R
R::
white binning; w/o ESD
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
88::
epoxy/high contrast
SS::
diffuse Silicone, white surface
EEm
miissssiioonn ccoolloorr::
M
Muullttiicchhiipp::
R
RTTBB:: red, true green, blue
SSiinnggllee C
Chhiipp::
YY::
yellow
BB::
blue
R
R::
red
TT::
true green
KK:: Automotive
and Industry
Product
LL:: Light
emitting
diode
PPaacckkaaggee TTyyppee
R
R::
Multi CHIPLED
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
44::
4-lead, common anode
33::
4-lead, common anode; height 0.3mm
88::
6-lead triangle (Chipled);height: 0.9mm
99::
6-lead inline (Chipled)
AA::
6-lead triangle (Chipled);height: 0.6mm
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LL
R
RTTBB
R
R
44
88
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com